PART |
Description |
Maker |
12C671 12C672 PIC12C672-04/SM PIC12C672-04I/MF PIC |
EPROM Memory Programming Specification EPROM存储器编程规 Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:White; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Conductor Material:Copper RoHS Compliant: Yes SWITCH SPDT BASIC 40GF NON-SHORT
|
Microchip Technology, Inc. Microchip Technology Inc.
|
DG413AK_883 DG411A DG412AK DG412AK_883 DG411AK_883 |
Monolithic Quad SPST CMOS Analog Switches RECTIFIER STANDARD SINGLE 1.5A 1000V 1000 50A-ifsm 5uA-ir 1.15V-vf SMB 3K/REEL Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:White; Approval Bodies:UL; Approval Categories:UL AWM Style 1855; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Analog Switch, SPST, Quad, NClosed, Ron = 35, Vlogic=5V, TTL Inputs, Power Supply V to 0V and Single Supply 5V to 34V
|
http:// INTERSIL[Intersil Corporation]
|
1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340C |
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 1340-Type Lightwave Receiver
|
Agere Systems
|
DTC12G-N DTC12C-N DTC12E-N DTC12-N |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 12A Bidirectional Thyristor
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
313P 313.010P 313.031P 313.040P 313.062P 313.100P |
4 PR #24 PE SH PVC RoHS Compliant: Yes 轴向引线和熔断管-玻璃 Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1855; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 轴向引线和熔断管-玻璃 Axial Lead and Cartridge Fuses - Glass Body 轴向引线和熔断管-玻璃 Low Capacitance Computer Cable, Power Electronic Cable Type, 2 Pairs, .340 in. Outer Diameter, Overall Tape/Braid/Drain. Wire Shielded,Chrome Color, 7/32 Stranded, Polyethylene Insulation, 24 AWG RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyethylene; Number of Pairs:6; Impedance:50ohm; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3122; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
CS8164YTVA5 CS8164YTHA5 CS8164 CS8164YT5 |
8V/5V Low Dropout Dual Regulator with ENABLE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
AD1954YSTRL AD1954YSRL |
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 16-bit fixed point DSP with Flash
|
Analog Devices, Inc.
|
BLF8 BLF2 BLF10 BLF5 BLN8 BLF1 BLF1_2 BLF11_2 BLF1 |
Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Protected; Fully Encapsulated; Efficiency to 80%; Custom versions available Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Axial Lead and Cartridge Fuses - Midget
|
Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|
BYV116 BYV116-20 BYV116-25 BYV116B BYV116B-20 BYV1 |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Yellow; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Very low drop voltage regulators with inhibit Rectifier diodes Schottky barrier
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
TMBYV10-40 TMBYV10-40FILM 3487 TMBYV-10-40 |
From old datasheet system SMALL SIGNAL SCHOTTKY DIODES Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Yellow; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BYV79 BYV79-100 BYV79-150 BYV79-200 |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Black; Approval Bodies:UL; Approval Categories:UL AWM Style 1213; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/4 Type E RoHS Compliant: Yes Rectifier diodes ultrafast
|
Philips Semiconductors NXP Semiconductors
|